PART |
Description |
Maker |
AD5748 AD5748ACPZ-RL7 |
Industrial Current/Voltage Output Driver with Programmable Ranges
|
Analog Devices
|
MAX15500 |
(MAX15500 / MAX15501) Industrial Analog Current/Voltage Output Conditioners
|
Maxim Integrated Products
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
6FR1-6 6FR2-6 4FR1-6 4FR2-25 |
16-Port, 5.5V Constant-Current LED Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 工业控制IC Industrial Control IC 工业控制IC
|
Ohmite Mfg. Co. TE Connectivity, Ltd.
|
ISL28006FH100Z-T7A ISL28006FHADJZ-T7A |
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output; Temperature Range: Full-Range Industrial; Package: 5 Ld SOT-23 T R OP-AMP, 2800 uV OFFSET-MAX, PDSO5
|
Intersil, Corp. Intersil Corporation
|
SKIIP03NAC066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 2.8; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge rectifier 3-phase bridge inverter
|
Semikron International
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NTE5705 NTE5700 NTE5702 NTE5701 NTE5703 NTE5704 |
Industrial power module. Hybrid doubler. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. SCR AC switch. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. Single phase, all SCR bridge. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. Single phase, hybrid bridge, common anode, freewheeling diode. Max repetitive peak reverse voltage Vrrm = 1200V.
|
NTE[NTE Electronics]
|