PART |
Description |
Maker |
PWR-8GHS |
USB Smart Power Sensor
|
Mini-Circuits
|
MUS-2500 |
The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
|
Level One
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
MODEL601-1045 601-10450001BO1E4 601-10450002BO1E4 |
Full 360° Smart Position Sensor Full 360掳 Smart Position Sensor Full 360∑ Smart Position Sensor
|
Vishay Siliconix
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
11247 |
Smart HCF-USB modem
|
Conexant
|
ADNS-2700 |
Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
|
AVAGO TECHNOLOGIES LIMITED
|
AT83C5123XXX-RATUM AT89C5122D-ALRUM AT89C5122D-ALT |
C51 Microcontroller with USB and Smart Card Reader Interfaces
|
ATMEL Corporation
|
AT85C5122 AT83EC5123 AT83C5122 AT83C5123 |
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES 单片机USB和智能卡阅读器接
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
SPS-R360D-NBMS0101 |
SMART Position Sensor
|
Honeywell
|
BTS3142D Q67060-S6087-A101 |
Smart Low Side Switches - 42V, 28mΩ, 4.6A, TO252 Smart Lowside Power Switch
|
INFINEON[Infineon Technologies AG]
|
LPC11U14FET48 LPC11U12FHN33 LPC11U00 LPC11U12FBD48 |
Low-cost Cortex-M0 USB solutions with Smart Card interface
|
NXP Semiconductors
|