PART |
Description |
Maker |
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC2657CFE-H12PBF LTC2657BCFE-H16PBF LTC2657CFE-L1 |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2610CGN LTC2620CGN LTC2600CGN LTC2600 LTC2600IG |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINER[Linear Technology]
|
LTC2605CGN-1PBF LTC2605CGN-1TRPBF LTC2605CGNPBF LT |
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
MAX5258 MAX5258EEE MAX5259EEE MAX5259 |
3V/ 5V Low-Power 8-Bit Octal DACs with Rail-to-Rail Output Buffers " 3V/ 5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers"
|
MAXIM[Maxim Integrated Products]
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC1665 LTC1660 LTC1660C LTC1660CGN LTC1660CN LTC1 |
Micropower Octal 8-Bit and 10-Bit DACs OCTAL, SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO16 Micropower Octal 8-Bit and 10-Bit DACs 微八进制8位和10位DAC
|
Linear Technology Corporation Linear Technology, Corp. LINER[Linear Technology]
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
LTC2602 LTC2612CMS8 LTC2622CMS8 LTC2602CMS8 LTC260 |
18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology Corporation
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|