PART |
Description |
Maker |
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
6260 |
RF Coaxial Connector Adapter; Convert From:N Female; Convert To:DIN Female; Approval Bodies:CE; Body Material:Brass; Contact Plating:Silver; Impedance:50ohm; Series:7/16 DIN and N RoHS Compliant: Yes FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
XC9207 XC92061 XC9208 |
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
|
Torex Semiconductor
|
XC9302SERIES XC9301SERIES TOR114 |
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs From old datasheet system
|
Torex
|
XC6367 |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
|
Torex Semiconductor
|
UC3550L-XX-AF5-R UC3550-15 UC3550G-XX-AF5-R |
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
|
Unisonic Technologies
|
XC6376A333SR XC6377FXX5SR XC6376 XC6376AXX2SL XC63 |
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
|
TOREX[Torex Semiconductor]
|
XC6365A |
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
|
Torex Semiconductor
|