PART |
Description |
Maker |
EFM32ZG222F4-QFP48T |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
ATF1508ASVL ATF1508ASV-15QC100 ATF1508ASV-15QC160 |
ATF1508ASV(L) [Updated 9/02. 23 Pages] 128 Macrcells with ISP. 3-volt and low power Highperformance EE PLD
|
Atmel Corp.
|
ATF1504ASV-15QC100 ATF1504ASVL-20JI68 ATF1504ASV-1 |
Low-voltage, Complex Programmable Logic Device ATF1504ASV(L) [Updated 2/03. 29 Pages] 64 Macrocells with ISP. 3-volt and low power
|
Atmel Corp.
|
AT90SC3232CS |
AT90SC3232CS Preliminary [Updated 10/02. 4 Pages] 4-page summary of the AT90SC3232CS giving the key features. a brief description and a block diagram. Secure MCU for smart cards
|
Atmel
|
AT49SN6416T AT49SN3208T AT49SN6416T-90CJ |
AT49SN6416(T)/3208(T) Advance Information [Updated 3/02. 38 Pages] 64M bit and 32M. 1.8-Volt Burst and Page Mode Flash Memory 4M X 16 FLASH 1.8V PROM, 90 ns, CBGA55
|
ATMEL CORP
|
ATAR080X-YYY-TKQ ATAR080X-YYY-TKS |
4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 SSOP-20 ATAR080 [Updated 3/03. 59 Pages] Low-current microcontroller for wireless communication ATAR080 [更新3日59页]低电流的无线通信控制
|
Atmel, Corp.
|
AT05SC1604R |
AT05SC1604R Summary [Updated 8/02. 2 Pages] AT05SC1604R摘要[更新8日2页] Secure Microcontroller for Smart Cards Low-power, industry standard 8-bit secure microcontroller with 16K Byte ROM, 4K Byte EEPROM, 1K RAM
|
Bivar, Inc. ATMEL[ATMEL Corporation]
|
AT24C512SCNBSP AT24C512SC |
AT24C512SC Preliminary [Updated 10/00. 12 Pages] 2-wire. 512K Serial EEPROM From old datasheet system 2-wire, 512K Serial EEPROM
|
Atmel corp
|
AT89C51RB2-SLSCM AT89C51RB2/RC2 AT89C51RB2-SLSIL A |
Hex Inverter 14-SOIC -40 to 125 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit Microcontroller with 16K/ 32K Bytes Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 Replaced by SN74LVC04A : Hex Inverter 14-SOIC -40 to 85 AT89C51RB2/RC2 [Updated 4/03. 125 Pages]
|
http:// Atmel, Corp. Atmel Corp.
|