PART |
Description |
Maker |
TDA1309H |
Low-voltage low-power stereo bitstream ADC/DAC
|
PHILIPS[Philips Semiconductors]
|
UDA1309H UDA1309H_2 |
Low-power stereo bitstream From old datasheet system
|
Philips
|
WM8783 WM8783GED/RV WM8783GED/V |
Stereo Low Power 96kHz ADC
|
Wolfson Microelectronics plc
|
WM8739 |
LOW POWER STEREO AUDIO ADC
|
Wolfson
|
SAA7367 |
Bitstream conversion ADC for digital audio systems
|
Philips Semiconductors
|
TDA1305 TDA1305T |
Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
|
NXP Semiconductors
|
AKD7780 |
24-bit stereo ADC’s, a mono ADC and a stereo SRC.
|
Asahi Kasei Microsystems
|
KAD5510P1105 KAD5510P-12 KAD5510P-17 KAD5510P-25 |
Low Power 10-Bit, 250MSPS ADC Low Power 10-Bit, 170MSPS ADC Low Power 10-Bit, 125MSPS ADC Low Power 10-Bit, 250/210/170/125MSPS ADC
|
Intersil Corporation
|
TA2120 TA2120FN EE08539 |
From old datasheet system LOW CONSUMPTION CURRENT STEREO HEADPHONE POWER AMPLIFIER FOR PORTARIF DC LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
|
TOSHIBA[Toshiba Semiconductor]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD7171 AD7171BCPZ-500RL7 AD7171BCPZ-REEL7 |
16-Bit Low Power Σ-Δ ADC; Package: LFCSP:LEADFRM CHIP SCALE; No of Pins: 10; Temperature Range: Industrial DELTA-SIGMA ADC, PDSO10 16-Bit Low Power Σ-Δ ADC; Package: 10 ld LFCSP (3x3mm, 1.5x2.3EP); No of Pins: 10; Temperature Range: Industrial DELTA-SIGMA ADC, PDSO10 16-Bit Low Power Sigma-Delta ADC
|
Analog Devices, Inc.
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|