PART |
Description |
Maker |
PS7200B-1A PS7200B-1A-E3 PS7200B-1A-E4 PS7200B-1A- |
Solid State Relay OCMOS FET(固态继电器) 4-PIN SOP / 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET 4引脚SOP 1.0 W低导通状态电通道光学耦合场效应晶体管
|
http:// NEC[NEC] NEC Corp. NEC, Corp.
|
PS7841C-A11 |
Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC Corp. NEC, Corp.
|
PS7200N-1A |
Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器)
|
NEC Corp.
|
PS7122-1A PS7122-2A PS7122L-1A PS7122L-1A-E3 PS712 |
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP200伏电压打通道2通道光学耦合场效应晶体管 6 / 8-PIN DIP / 200 V BREAK DOWN VOLTAGE 1-ch / 2-ch Optical Coupled MOS FET 6 8-PIN DIP 200 V BREAK DOWN VOLTAGE 1-ch 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS7142-1B PS7142-1B-A PS7142-2B PS7142-2B-A PS7142 |
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭通道通道光学耦合场效应晶体管 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭1通道通道光学耦合场效应晶体管 XTAL MTL T/H HC49/US 6引脚DIP00伏电压分解,常闭通道通道光学耦合场效应晶体管 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭通道2通道光学耦合场效应晶体管 XTAL MTL SMT HC49/USM
|
California Eastern Laboratories, Inc. ITT, Corp. California Eastern Labs
|
PS7111-2A PS7111L-2A PS7111L-2A-E3 PS7111L-2A-E4 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Optical Coupled MOS FET photocoupler(MOS 场效应管输出光电耦合 8-PIN DIP / 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET 8-PIN DIP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
NEC Corp. NEC[NEC]
|
PS7241-2B-F4-A PS7241-2B PS7241-2B-A PS7241-2B-F3 |
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET 8引脚SOP00伏电压打破常型通道光学耦合场效应晶体管 8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET 8引脚SOP00伏电压打破常2型通道光学耦合场效应晶体管
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
PS710AL-1A-E4 PS710A-1A PS710AL-1A PS710AL-1A-E3 |
6-PIN DIP / 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP.1欧姆的低导通状态电.8连续负载电流1通道光学耦合场效应晶体管 6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC[NEC] NEC Corp. NEC, Corp.
|
PS7200A-1A-F3 PS7200A-1A-F3-A PS7200A-1A-E4-A PS72 |
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
|
Duracell California Eastern Labs
|
PS7241-2A |
400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
NEC
|
PS7241-2A PS7241-2A-A PS7241-2A-F3 PS7241-2A-F4-A |
8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
California Eastern Laboratories CEL[California Eastern Labs]
|
PS7141E-1A |
400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
|
NEC
|