PART |
Description |
Maker |
EVAL-AD5426EB EVAL-AD5443EB EVAL-AD5432EB AD5426YR |
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface CAP X7R 470PF 50V 10% 0603 CAP, .22UF, 10V, SMT, 0603 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.035 us SETTLING TIME, 10-BIT DAC, PDSO10 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.09 us SETTLING TIME, 8-BIT DAC, PDSO10 High Bandwidth CMOS 10-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 8-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 12-Bit Serial Interface Multiplying D/A Converter
|
Analog Devices, Inc.
|
IDTQS3VH2861 IDTQS3VH2861Q IDTQS3VH2861QG |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH QUICKSWITCH㈢ PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
|
Integrated Device Technology
|
PI3C16234 PI3C16234A |
3.3V, HIGH BANDWIDTH, 16-BIT TO 32-BIT MUX/DEMUX BUSSWITCH
|
Pericom Semiconductor Corporation
|
IDTQS3VH862 IDTQS3VH862PA IDTQS3VH862Q |
2.5V / 3.3V 10-BIT HIGH AND LOW ENABLE, HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technology
|
IDTQS3VH2862 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH SWITCH
|
IDT
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
AD5447YRUZ-REEL AD5447YRUZ-REEL7 AD5440YRU-REEL |
Dual 12-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO24 Dual 10-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
IDTQS32XVH245Q2 IDTQS32XVH245Q2G IDTQS32XVH245 QS3 |
3.3V 16-Bit Bus Switch for Hot Swap applications 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO40
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
PI3B4010NC PI3B4010 |
3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
|
PERICOM[Pericom Semiconductor Corporation]
|
IDTQS34XVH245 IDTQS34XVH245Q3 |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|