PART |
Description |
Maker |
NT7805 NT78A10DC12V NT78A10DC24V NT78A10DC6V NT78A |
Low coil consumption.
|
DB Lectro Inc http://
|
NT73-207 NT73-2 NT73-2A10DC12V NT73-2A10DC24V NT73 |
Low coil power consumption
|
DB Lectro Inc
|
NT74 NT741CZ10DC24VN NT741CZ10DC48VS NT741CZ10DC48 |
Low coil consumption 线圈功耗低
|
DB Lectro Inc. DB Lectro, Inc.
|
N4100F-2 |
Low coil power consumption
|
DB Lectro
|
NG5NADC3V NG5NADC5V NG5NADC9V NG5N NG5NADC12V NG5N |
Switching capacity up to 5A. / Low coil power consumption 0.2W.
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
JZC-22F JZC-22F2A JZC-22F2B JZC-22F2C |
Small size, light weight .Low coil power consumption
|
HuaXinAn Electronics CO.,LTD
|
NT73-2A10DC6V0.45 NT73-2A12DC12V0.8 NT73-2A12DC24V |
Small size, light weight, heavy reverse power. / Low coil power consumption.
|
DBLECTRO[DB Lectro Inc]
|
KIA7031 KIA7019 KIA7019AF KIA7019AP KIA7019AT KIA7 |
CONDUCTIVE LEVEL CONTROLLER, 230V; Power consumption:5VA; Range:85 to 110% of rated voltage; Resistance, insulation:100MR; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Voltage, supply:230V ac; Voltage, supply max:230V ac; 双极线性集成电路(电压检测) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) 双极线性集成电路(电压检测) LEVEL CONTROLLER, MINI, 240V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. LEVEL CONTROLLER, MINI, 110V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. (KIA7019 - KIA7045) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) Active Low Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
TA2120 TA2120FN EE08539 |
From old datasheet system LOW CONSUMPTION CURRENT STEREO HEADPHONE POWER AMPLIFIER FOR PORTARIF DC LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
|
TOSHIBA[Toshiba Semiconductor]
|
|