PART |
Description |
Maker |
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
MX23C2410 23C2410 |
24M-BIT MASK ROM (8/16-BIT OUTPUT) From old datasheet system
|
Macronix 旺宏
|
MX23C8111 23C8111 |
8M-BIT MASK ROM (8/16 BIT OUTPUT) From old datasheet system
|
Macronix 旺宏
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
23L4000-20 23L4000-15 |
4M-BIT MASK ROM (8 BIT OUTPUT) 4分位掩码光盘位输出)
|
Macronix International Co., Ltd.
|
HT23C040 23C040 |
CMOS 512Kx8-Bit Mask ROM From old datasheet system CMOS 512K8-Bit Mask ROM
|
HOLTEK[Holtek Semiconductor Inc]
|
MX23L8000TI-20 MX23L8000MI-20 |
8M-BIT MASK ROM (8 BIT OUTPUT)
|
Macronix International Co., Ltd.
|
MX23C4000 MX23C4000TC-15 23C4000-10 23C4000-12 23C |
4M-BIT MASK ROM (8 BIT OUTPUT)
|
http:// MCNIX[Macronix International]
|
MR53V1652J |
1,048,576-Word X 16-Bit or 2,097,152-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
UPD23C64080JLGX-XXX UPD23C64040JLGX-XXX UPD23C6404 |
64M-bit (8M-wordx8-bit/4M-wordx16-bit) Mask ROM
|
NEC
|