PART |
Description |
Maker |
MTP20N10 |
(MTP20N08 / MTP20N10) N-Channel Power MOSFETs
|
Fairchild Semiconductor
|
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
CE2766 |
6-Channe Audio DAC
|
CEI
|
IRF450 IRF451 IRF452 IRF252 IRF250 IRF251 |
N-CHANNE POWER MOSFETS
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
|