PART |
Description |
Maker |
P4C187-20PC P4C187-20PI P4C187-20PM P4C187-20PMB P |
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS 64K X 1 STANDARD SRAM, 35 ns, QCC28 64K X 1 STANDARD SRAM, 35 ns, CDIP22
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1021BNV33 CY7C1021BNV33L-10VXC CY7C1021BNV33L- |
64K X 16 STANDARD SRAM, 12 ns, PDSO44 LEAD FREE, TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 LEAD FREE, TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 0.400 INCH, LEAD FREE, SOJ-44 64K X 16 STANDARD SRAM, 12 ns, PDSO44 TSOP2-44 64K X 16 STANDARD SRAM, 10 ns, PDSO44 LEAD FREE, TSOP2-44 64K x 16 Static RAM
|
Cypress Semiconductor, Corp.
|
CY7C187-20DC CY7C187-20LC |
64K X 1 STANDARD SRAM, 20 ns, CDIP22 0.300 INCH, CERDIP-22 64K X 1 STANDARD SRAM, 20 ns, CQCC22 CERAMIC, LCC-22
|
Cypress Semiconductor, Corp.
|
AS7C3364PFD32-36BV.1.1 AS7C3364PFD36B-200TQIN AS7C |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 4 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
K6L0908V2A-GD85 K6L0908V2A-GD10 K6L0908V2A-YD10 K6 |
64K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, SOP-32 64K X 8 STANDARD SRAM, 100 ns, PDSO32 0.525 INCH, SOP-32 64K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 13.40 MM, STSOP1-32 64K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, TSOP1-32 64K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 20 MM, TSOP1-32
|
Vishay Beyschlag Micron Technology, Inc.
|
CY7C1021B-15VXC CY7C1021B-15VXE CY7C1021B-15VXI CY |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MCM6208C MCM6208CJ12 MCM6208CJ12R2 MCM6208CJ15 MCM |
CB 5C 5#12 PIN RECP WALL 64K X 4 STANDARD SRAM, 12 ns, PDIP24 64K x 4 Fast Static RAM
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
CY7C187-15PXC CY7C187-25VXC CY7C187-35VXC |
64K x 1 Static RAM 64K X 1 STANDARD SRAM, 35 ns, PDSO24
|
Cypress Semiconductor, Corp.
|
CY7C1021B CY7C1021BV33-12VI CY7C1021BV33-10ZC CY7C |
64K x 16 Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 64K x 16 Static RAM 64K X 16 STANDARD SRAM, 8 ns, PDSO44 Functional Description[1] Functional Description<SUP>[1]</SUP>
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71T016 IDT71T016L200PHI IDT71T016L150PH IDT71T0 |
High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 16K X 4 STANDARD SRAM, 35 ns, CDIP24 LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO44 CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls 16K X 4 STANDARD SRAM, 25 ns, CDIP24 SWITCH, FLUSH, 16MM, MOM; Switch function type:Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Configuration, contact:DPCO; Current, RoHS Compliant: Yes
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
|