PART |
Description |
Maker |
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C251MNTD18A AS7C251MNTD18A-166TQIN AS7C251MNTD1 |
2.5V 1M x 18 Pipelined SRAM with NTD 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current Mode PWMs; Package: DIP; NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
|