PART |
Description |
Maker |
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
AA016A AA025A AA06A AA010A AA032A |
FUSE 16A HRC FUSE 25A HRC FUSE 6A HRC FUSE 10A HRC 保险0A条人权委员会 FUSE 32A HRC
|
Cooper Bussmann, Inc.
|
01530008Z |
Blade Fuse Holders - PCB Mount Fuse Holder for MINI? Style Blade Fuse
|
Littelfuse
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
AAO2 AAO10 AAO20 AAO25 AAO4 AAO32 AAO16 AAO6 AAO32 |
Fuse ELECTRIC FUSE, 4A, 550VAC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|
01520001TXN941 |
Fuse Holder for MAXI? Style Blade Fuse
|
Littelfuse
|
|