PART |
Description |
Maker |
0034.0911.PT |
Fuse Misc, Non resettable fuses, Miniature Fuses, Type SA 5x20
|
Schurter, Inc.
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
0034.1506 0034.1507 0034.1508 0034.1509 0034.1510 |
FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
00343851 34.3866 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER
|
Schurter Inc.
|
CC12H2.5A CC12H3.5A CC12H3A CC12H2A 1-5A CC12H4.5A |
High I2t Chip?/a> Fuses High I2t Chip Fuses CC12H Series ELECTRIC FUSE, 2.5A, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
313225P 315225P 313.800P 315.031P 313100P |
Axial Lead and Cartridge Fuses SLOW BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 0.031A, 250VAC, THROUGH HOLE Axial Lead and Cartridge Fuses
|
Littelfuse, Inc.
|
354 354004-GY 354804-GY |
Fuse Blocks and Clips - For 3AG Fuses
|
Littelfuse, Inc.
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
|