PART |
Description |
Maker |
2SC3295 |
NPN EPITAXIALTYPE (AUDIO FREQUENC AMPLIFIER/ SWITCHING APPLICATIONS) NPN EPITAXIALTYPE (AUDIO FREQUENC AMPLIFIER, SWITCHING APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
OL-WEDGE |
The light source of the OL-Wedge series is suggested the Everlight LED T5 Cobra light tube.
|
Everlight Electronics Co., Ltd
|
IS440F IS440 |
OPIC LIGHT DETECTOR WITH BUILT IN SIGNAL PROCESS-ING CURCUIT FOR LIGHT MODULATION SYSTEM
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
A-2304X A-1804X A-1804E A-2304E A-1804SR A-1804Y |
Light bar yellow Light bar hi.effi red Light bar super red
|
List of Unclassifed Manufacturers PARA Light ETC[ETC] Electronic Theatre Controls, Inc.
|
HLMP2300 HLMP2550 HLMP-2500 HLMP-2550 HLMP-2870 HL |
LED LIGHT BARS These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
|
AVAGO TECHNOLOGIES LIMITED Everlight Electronics Co., Ltd Everlight Electronics Co., ... Everlight Electronics C... AVAGO TECHNOLOGIES LIMI...
|
ISPPAC-CLK5610V-01T48C ISPPAC-CLK5610V-01T48I ISPP |
LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:525nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 Spot Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:470nm 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:470nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer 在系统可编程,零延迟时钟发生器通用扇出缓冲 LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No Spot Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:530nm Backlight LED; Color:Red; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED On-Axis Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:100x100mm; Peak Reflow Compatible (260 C):No; Supply Current:500mA; Supply Voltage:24VDC; Wavelength:520nm LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA Backlight LED; Color:Red; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:530nm LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:525nm
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|