PART |
Description |
Maker |
SL0312001 |
3111 N. Deer Run Road #4 Carson City, NV 89701
|
Ametherm, Inc.
|
SL0320001 |
3111 N. Deer Run Road #4 Carson City, NV 89701
|
AMETHERM Circuit Protection Thermistors
|
SL0322101 |
3111 N. Deer Run Road #4 Carson City, NV 89701
|
Ametherm, Inc
|
SL0316001 |
3111 N. Deer Run Road #4 Carson City, NV 89701
|
Ametherm, Inc
|
SL0350101 |
3111 N. Deer Run Road #4 Carson City, NV 89701
|
AMETHERM Circuit Protec... AMETHERM Circuit Protection Thermistors
|
RI01261500Q |
915MHz Road Marker Antenna
|
List of Unclassifed Manufac...
|
STK15C68 STK15C68-P25 STK15C68-P25I STK15C68-P35 S |
8K x 8 AutoStore nvSRAM APC BACK-UPS ES 8 Outlet 550VA 120V Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:210W; Run Time - Half Load:18min; Run Time - Full Load:5min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:330W; Run Time - Half Load:14min; Run Time - Full Load:2min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA
|
SIMTEK List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
SX18AD75-I/DP SX28AD75-I/TQ SX18AD75-I/PQ SX28AD75 |
; Suppressor Type:Outlet Strip; Transient Energy Rating:4080J; External Depth:6.25"; Approval Bodies:cULus; Applications:High-quality TVSS for datacenters, industrial facilities and commercial buildings 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 8-BIT MICROCONTROLLER (SXxxxx) Configurable Communications Controllers Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:47min; Run Time - Full Load:21min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:700W; Run Time - Half Load:13min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:8 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:14min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:8000W; Run Time - Half Load:24min; Run Time - Full Load:10min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:13 RoHS Compliant: NA Data Line Surge Suppressor; Suppressor Type:Data Line; Peak Surge Current:6.5kA; Response Time:1ns; Connector Type A:IEC320-C8; Connector Type B:IEC320-C8; Fax/Modem Protection:Yes; Features:RJ-11 Modem/Fax protection
|
SCENIX Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
104MABA01KG13 335MABA02KJ 335MABA05KJ 335MABA01KJ |
AC/Motor Run Film Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
MRRC370V15 MRRC370V20 MRRC370V25 MRRC370V30 MRRC37 |
ROUND MOTOR RUN AC ELECTROLYTIC
|
NTE Electronics
|
TDA1564J |
Run-cool stereo power amplifier
|
Philips
|