PART |
Description |
Maker |
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
W39V040FA W39V040FAT W39V040FAP W39V040FAQ |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
|
Winbond Electronics WINBOND[Winbond]
|
MB84VB2000-10 MB84VB2001 MB84VB2001-10 |
PT 8C 8#20 PIN RECP 1M X 8 FLASH 3V PROM, 100 ns, PBGA48 8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
AM29LV160MB70RPCI AM29LV160MT85WAI AM29LV160MB90EI |
Flash Memory IC 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
|
Spansion, Inc. Advanced Micro Devices
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
MB84VA2000-10 MB84VA2001-10 MB84VA2000 |
(MB84VA2000 / MB84VA2001) 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA48
|
Fujitsu Media Devices Fujitsu, Ltd. Fujitsu Component Limited.
|
MX29F001TTC-90 MX29F001TTC-70 MX29F001TTC-12 MX29F |
1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 x8 Flash EEPROM x8闪存EEPROM
|
Macronix International Co., Ltd.
|