PART |
Description |
Maker |
MB814260-70 MB814260-60 |
CMOS 256K ×16 BIT
FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) CMOS 256K ×16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) 的CMOS 256K × 16位快速页面模式的动态随机存储器(的CMOS 256K × 16位快速页面存取模式动态内存) CMOS 256K ?16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
KM41256AJ-12 KM41257AJ-12 KM41256AJ-10 KM41257AJ-1 |
256K X 1 Bit Dynamic RAM with Page / Nibble Mode 256K × 1位动态随机存储器与页/半字节模
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
HYB514265BJ-400 HYB314265BJL-50 HYB314265BJL-45 HY |
From old datasheet system 256K x 16-Bit EDO-Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
A42L8316 A42L8316S A42L8316S-30 A42L8316V-30U A42L |
40ns; self refresh 256K x 16 CMOS dynamic RAM with EDO page moge 256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
|
AMICC[AMIC Technology]
|
IS41C16256-60K IS41LV16256-60K IS41C16256-25TI IS4 |
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 256K × 164兆位)的动态与江户页面模式内存
|
Integrated Circuit Solu... Cypress Semiconductor Corp. Integrated Circuit Solution Inc
|
HYB514400BJ-50- Q67100-Q756 Q67100-Q973 HYB514400B |
RES 12K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA 4M × 1-Bit Dynamic RAM(4M × 1位动态RAM) 1M x 4-Bit Dynamic RAM 100万4位动态随机存储器
|
SIEMENS AG
|
T224160B T224160B-30 T224160B-35 T224160B-45 T2241 |
256K x 16 DYNAMIC RAM FAST PAGE MODE 256K × 16动态RAM快速页面模 Binary Coded Rotary DIP Switches
|
TM Technology, Inc. TMT[Taiwan Memory Technology]
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
Q67100-Q527 Q67100-Q1056 Q67100-Q519 Q67100-Q518 Q |
1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1个M × 1位动态随机存储器的低功个M位动态随机存储器 1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1 M x 1-Bit Dynamic RAM Low Power 1 M ′ 1-Bit Dynamic RAM
|
SIEMENS AG Siemens Semiconductor Group
|
V53C8256L |
High Peformance 3.3 Volt 256K x 8 Bit Fast Page Mode CMOS Dynamic RAM(高性能3.3V 256Kx8快速页面模式动态RAM)
|
Mosel Vitelic, Corp.
|
HYM361140GS-70 HYM361140GS-60 HYM361140S-70 HYM361 |
1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module) 100万36位动态RAM模块米18位动态随机存储器模块 1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module) 1M X 36 FAST PAGE DRAM MODULE, 60 ns, SMA72 1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module) 1M X 36 FAST PAGE DRAM MODULE, 70 ns, SMA72
|
SIEMENS A G SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MB81V4265-70 |
CMOS 256K ×16BIT
Hyper Page Mode Dynamic RAM(CMOS 256K ×16 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|