PART |
Description |
Maker |
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
JANTXV2N6849U JANTX2N6849U IRFE9130 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR HEXFET?TRANSISTORS
|
IRF[International Rectifier]
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
2N7225 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管)
|
International Rectifier, Corp.
|
IRFAE30 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) HEXFET?TRANSISTORS 800V, N-CHANNEL
|
IRF[International Rectifier]
|
IRFE9210 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18) HEXFET?TRANSISTORS
|
IRF[International Rectifier]
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
JANTXV2N6794U JANTX2N6794U IRFE420 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS 重复性雪崩和DV /受好评的HEXFET三极管胸 Dual Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 14-SOIC 0 to 70 HEXFET?TRANSISTORS
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFF9210 IRFF9210-15 |
Simple Drive Requirements HEXFET?TRANSISTORS HEXFET TRANSISTORS THRU-HOLE (TO-205AF) -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package
|
International Rectifier
|
IRLI2203N 2308 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|