PART |
Description |
Maker |
4302H-5V |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
Chicago Miniature Lighting,LLC
|
4302H5-5V 4302H5-12V 4302H1-12V 4302H1-5V 4302H3-1 |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
CML[Chicago Miniature Lamp,inc]
|
RC3002B6 RC3002B7 RC3008B6 RC3001B6 RC3003B6 RC300 |
Integrated Resistor and Capacitor Network RC Series 3000
|
CTS[CTS Corporation]
|
NP1-6 NP2.8-12 NP12-6 NP7-12 NPL38-12 NP38-12 NP65 |
BLEIAKKU 6V 250G BATTERY 12V 2.8AH BATTERY 6V 12AH BLEIAKKU 12V 2800G BLEIAKKU NPL 12V 14.7KG BLEIAKKU 12V 13800G BLEIAKKU 12V 22700G BLEIAKKU 6V 2200G BLEIAKKU 12V 4000G BLEIAKKU 12V 6.3KG BLEIAKKU 12V 5000G BLEIAKKU 12V 900G BATTERY 6V 7AH BATTERY 12V 2.3AH 蓄电2V 2.3AH BLEIAKKU NPL 12V 24KG BLEIAKKU不良贷款12V4公斤
|
Yuasa Battery, Inc.
|
4302H1-12V |
4302H-5V 4302H-12V Series Intergrated Resistor-5 Volts and 12 Volts Operation T-1 3/4 (5mm)
|
etc
|
MR3051 MR3450 MR3451 MR3751 MR3050 MR3350 MR3351 M |
INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
|
QT[QT Optoelectronics]
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
NTE1936 |
Integrated Circuit Positive Voltage Regulator / 12V / 2A Integrated Circuit Positive Voltage Regulator, 12V, 2A
|
NTE[NTE Electronics]
|
NTE967 |
Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
|
NTE Electronics
|
NTE7128 |
Integrated Circuit Positive Voltage Regulator with ON/OFF Feature / 12V / 1A Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A
|
NTE[NTE Electronics]
|
UNR9216 UNR9213 UNR9215 UNR9214 UNR9210 UNR9211 UN |
Transistors with built-in Resistor ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-416 UNR921X Series (UN921X Series) - NPN Transistor with built-in Resistor DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 416
|
Matsshita / Panasonic Panasonic, Corp.
|
CRL2512-FW-R040ELF CRL1206-FU-R020ELF CRL0805-FU-R |
CHIP RESISTOR - Low Value RESISTOR, 1 W, 1 %, 200 ppm, 0.04 ohm, SURFACE MOUNT, 2512 CRL Series - Low Value Chip Resistors
|
Bourns, Inc. Bourns Electronic Solutions
|