PART |
Description |
Maker |
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
TSC80C51XXX-30AI ATXMEGA128A3-MHR TSC80C31-12MX/88 |
8-BIT, MROM, 30 MHz, MICROCONTROLLER, CQCC44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, QCC64 8-BIT, 12 MHz, MICROCONTROLLER, UUC40 AVR32 32-Bit Microcontroller
|
TEMIC SEMICONDUCTORS Atmel Corp.
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
W78L32 W78L32-24 W78L32F-24 W78L32P-24 |
8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 From old datasheet system
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
MB90W214BZF MB90W214A MB90214 MB90W214ZF MB90P214A |
16-Bit Transparent D-type Latches With 3-State Outputs 48-CFP -55 to 125 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 16-bit Proprietary Microcontroller
|
Fujitsu, Ltd. http:// Fujitsu Component Limited.
|
ATTINY28L-4PU ATTINY28L-4AL ATTINY28L-4PL ATTINY28 |
8-bit Microcontroller with 2K Bytes of Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, QCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 16-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP44 AVR ?High-performance and Low-power RISC Architecture
|
Atmel, Corp. TEMIC SEMICONDUCTORS ATMEL Corporation
|
SAK-XC2285M-56F80L XC2286M-104FXXL XC2287M-72FXXL |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
|
INFINEON TECHNOLOGIES AG Infineon Technologies A...
|
|