PART |
Description |
Maker |
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
SC16C750BI SC16C750B SC16C750BIA44 SC16C750BIB64 S |
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs 5 V 3.3 V and 2.5 V UART with 64-byte FIFOs
|
PHILIPS[Philips Semiconductors]
|
SC16C650BIA44 SC16C650B SC16C650BIB48 SC16C650BIBS |
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT187-2 (PLCC44); Container: Reel Dry Pack, SMD, 13" 1 CHANNEL(S), 3M bps, SERIAL COMM CONTROLLER, PQCC44 5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned
|
NXP Semiconductors N.V.
|
SC16C2552 SC16C2552IA44 |
Dual UART with 16-byte transmit and receive FIFOs
|
Philips Semiconductors
|
SC16C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
|
NXP Semiconductors
|
OX16C950 OX16C950-PCC60-B OX16C950-TQC60-B |
High Performance UART with 128 byte FIFOs
|
Oxford Semiconductor
|
MICRF213 MICRF213AYQS |
1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT912-1 (TFBGA36), Tray Pack, Bakeable, Multiple SPECIALTY CONSUMER CIRCUIT, PDSO16 1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT617-1 (HVQFN32), Tray Pack, Bakeable, Multiple 3.3,QwikRadio系列15MHz的接收器
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
SC68C752BIBS SC68C752B SC68C752BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
|
PHILIPS[Philips Semiconductors]
|
SC68C752B |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 64-byte FIFOs and Motorola uP interface
|
Philips
|
SC16C652BIB48 SC16C652BIBS |
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
|
NXP Semiconductors
|
ST16C554 ST16C554DIJ68 |
QUAD UART WITH 16-BYTE FIFOS Quad UART with 16-Byte FIFO(四通用异步接收发送器(带16字节的先进先出)) Plug-In Relay; Contacts:DPDT; Contact Carry Current:15A; Coil Voltage AC Max:120V; Relay Mounting:Plug-In; Relay Terminals:Quick Connect; Coil Resistance:4430ohm RoHS Compliant: Yes 4 CHANNEL(S), 448K bps, SERIAL COMM CONTROLLER, PQCC68
|
Exar Corporation Exar, Corp.
|