PART |
Description |
Maker |
DCH1228D/ES DCH0505S/ES DCH1212S DCH2815D DCH0512D |
Inductor; Inductor Type:Power; Inductance:1.5uH; Inductance Tolerance: 20 %; Series:HC7; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes DC/DC CONVERTERS 5/ 12/ OR 28 VOLT INPUT DC/DC CONVERTERS 5, 12, OR 28 VOLT INPUT DC / DC转换52,或28伏的输入 MACH4 ISP EEPLD, SMD, PLCC44, 5.25V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5.25V; Case style:PLCC; Base number:4; I/O lines, No. of:32; Inputs, No. of:33; Logic function number:M4; DC / DC转换52,或28伏的输入 IC, PAL, 44 PIN TQFP, 10NS DC / DC转换52,或28伏的输入
|
Electronic Theatre Controls, Inc. ETC
|
G4P109N-B-LF |
Designed for Ethernet 1000 BASE-T, full Quad port applications
|
Bothhand USA, LP.
|
ISL60002BIB812 ISL60002CIH325 ISL60002CIH312 ISL60 |
Precision 1.25V & 2.50V Low Voltage FGA References(绮惧?1.25V涓?.50V浣????GA?哄?) Precision 1.25V & 2.50V Low Voltage FGA References Precision 1.25V & 2.50V Low Voltage FGA References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:6; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Precision 1.25V & 2.50V Low Voltage FGA References
|
Intersil, Corp. Intersil Corporation
|
EPG4012J |
1000Base-T Module DATACOM TRANSFORMER FOR 10/100 BASE-TX; 1000 BASE-T APPLICATION(S)
|
PCA ELECTRONICS INC.
|
G1PM109N1-LF G1PM109N1LF |
Compliant with IEEE 802.3ab standard for 1000 BASE-T 2.5G/5G BASE?T SINGLE PORT
|
Bothhand USA, LP.
|
EPG4012S |
DATACOM TRANSFORMER FOR 10/100 BASE-TX; 1000 BASE-T APPLICATION(S)
|
|
6814 |
LAN 10 BASE-T / 100 BASE-T Single TX Transformer
|
FILTRAN[Filtran LTD]
|
PL2303SA |
Full Compliant with USB Specification v2.0 (Full-Speed)
|
List of Unclassifed Man...
|
MPC8247CVRE MPC8272CVR MPC8272CVRB MPC8272CVRE MPC |
400MHz; V(dd): -0.3 to 2.25 microprocessor (MPC8271) PowerQUICC II Family Hardware Specifications MPC8272 PowerQUICC II Family Hardware Specifications MPC8272 PowerQUICC II Family Hardware Specifications 100MHz; V(dd): -0.3 to 2.25V; integrated communication processor 266MHz; V(dd): -0.3 to 2.25V; integrated communication processor 200MHz; V(dd): -0.3 to 2.25V; integrated communication processor 300MHz; V(dd): -0.3 to 2.25V; integrated communication processor 400MHz; V(dd): -0.3 to 2.25V; integrated communication processor 100MHz; V(dd): -0.3 to 2.25 microprocessor 200MHz; V(dd): -0.3 to 2.25 microprocessor 266MHz; V(dd): -0.3 to 2.25 microprocessor MPC8272 PowerQUICC II Family Hardware Specifications
|
Motorola, Inc. http://
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
G1PM109N-VLF G1PM109N-V-LF |
1000 BASE ?T MAGNETICS MODULES Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|
MTJ108T11RLXM1 MTJ810T11RLXM1 MTJ88T11RLXM1 MTJ101 |
MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T
|
Adam Technologies, Inc.
|