PART |
Description |
Maker |
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
R123426003W |
RF/Coaxial Connector; RF Coax Type:QMA; Body Style:Straight Receptacle; Leaded Process Compatible:Yes BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, RECEPTACLE
|
Radiall S.A.
|
190-01918-5 190-01910SL-5 190-01914S-5 190-01518-5 |
Composite Jam Nut Receptacle, Composite Box Mount Receptacle
|
Glenair, Inc.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
IPT01E18-11SZCSR IPT01A18-11PYSRF2 IPT01A18-11PYSR |
In-Line Receptacle Connector 11 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE ROHS COMPLIANT 11 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
185-001NF08-13-2NM 185-001NF08-13-2NS 185-001NF08- |
Expanded Beam Fiber Optic Threaded Coupling Jam Nut Receptacle Connector MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
M90-3101F10SL-4P |
Circular Cable Connector, Receptacle shell, Male contacts, 2-way, silver 2 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Harwin PLC
|
|