PART |
Description |
Maker |
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
TGA2505 |
13 - 17 GHz 2.5 Watt, 25dB Power Amplifier 13000 MHz - 17000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 13 17 GHz 2.5 Watt, 25dB Power Amplifier
|
TriQuint Semiconductor, Inc.
|
XX1001-QK-0L00 XX1001-QK-0L0T XX1001-QK-EV1 MIMIXB |
18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm 18.0-21.0/36.0-42.0 GHz的倍增器和功放,QFN封装x7mm 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm 36000 MHz - 42000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
AMMC-6440 |
AMMC-6440 · 37-42 GHz 1W Power Amplifier 37 - 42 GHz Power Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SE2522L SE2522L-EK1 SE2522L-R |
RangeCharger 2.4 GHz Power Amplifier And Power Detector IC Preliminary Information RANGECHARGER⒙ 2.4 GHZ POWER AMPLIFIER AND POWER DETECTOR IC PRELIMINARY INFORMATION RangeCharger2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
|
SiGe Semiconductor Inc. SiGe Semiconductor, Inc.
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AA038P2-00 |
370 GHz GaAs MMIC Driver Amplifier 37-40 GHz GaAs MMIC Driver Amplifier GT 4C 4#4 SKT PLUG 37000 MHz - 40000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AWB7128 AWB7128P8 |
2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
AWB7127HM41P8 |
2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
CPT-13-6027 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
Teledyne Technologies Incorporated
|