PART |
Description |
Maker |
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
GS-D500A |
100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS 100V/5A STEP和微步驱动板步进电机
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
CDSQR400BS-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=100V, P-D=125mW, I-F=100mA
|
Comchip Technology
|
1N4148-G |
Small Signal Switching Diodes, V-RRM=100V, V-R=100V, P-D=0mW, I-F=150mA
|
Comchip Technology
|
CDBW1100R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=100V, V-R=100V, I-O=1A
|
Comchip Technology
|
U6043B-MY U6043B-MFPG3Y U6043B-MFPY U6043B_05 U604 |
Flasher IC with 18-mOHM Shunt
|
ATMEL[ATMEL Corporation]
|
BR501L-G |
Bridge Rectifiers, V-RRM=100V, V-DC=100V, I-(AV)=50A
|
Comchip Technology
|
801-4 800 800-1 800-2 800-3 800-4 801-1 801-2 801- |
PROFET: Smart High Side Switches; Package: PG-TO220-5; Channels: 1.0; RON @ Tj = 25°C : 220.0 mOhm; Recommended Operating Voltage Range: 4.7 - 42.0 V; IL(SC): 12.0 A; Diagnostic: digital PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: digital Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 1,500.0 mOhm; Recommended Operating Voltage Range: 4.9 - 60.0 V; IL(SC): 0.9 A; Diagnostic: n.a. RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
|
MICROSEMI[Microsemi Corporation]
|
PSMN1R3-30YL |
N-channel 30 V 1.3 MOhm Logic Level MOSFET
|
Philips Semiconductors
|