PART |
Description |
Maker |
MC14406 |
FULL DUPLEX 8-BIT COMPANDED PCM CODEC
|
Motorola, Inc
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
MAX1192 MAX1192ETI-T |
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC 2-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC28
|
Maxim Integrated Products, Inc.
|
LAN91C100-FD LAN91C100FDREVD |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP208
|
SMSC Corporation SMSC, Corp.
|
MN864602 |
Full Duplex AV Controller
|
Panasonic
|
SP490EN SP490ES SP490CN SP490CS SP491EN SP491ES SP |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP1490E SP1490ECN-L SP1490ECN-L_TR SP1490EEN-L SP1 |
Full Duplex RS-485 Transceivers12345678VCC
|
Exar Corporation
|
SP1490E SP1490ECN SP1490ECN_TR SP1490ECP SP1490EEN |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
ADN4694E ADN4692E ADN4695E ADN4690E |
3.3 V, 100 Mbps, Half- and Full-Duplex
|
Analog Devices
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|
MAX14852 |
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
|
Maxim Integrated Produc...
|