PART |
Description |
Maker |
MACH435-12 MACH435-12JC MACH435-15JC MACH435-20JC |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
MACH230-10 MACH230-10JC MACH230-15JC MACH230-20JC |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
CLA70000 |
High Density CMOS Gate Arrays
|
Zarlink Semiconductor
|
MACH130-15 MACH130-15JC MACH130-20JC |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
MACH220-20JC |
High-Density EE CMOS Programmable Logic EE PLD, 20 ns, PQCC68
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
DSP56300FM/AD DSP56374PB/D DSP56374UM/D |
high density CMOS device with 3.3 V inputs and outputs 高密度CMOS器件.3 V输入和输
|
Motorola, Inc. Motorola Inc Motorola Mobility Holdings, Inc.
|
DSP56374PB/D DSP56300FM/AD DSP56374UM/D DSPB56374A |
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs. Freescale Semiconductor
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
AN48830B |
Low current consumption, high sensitivity CMOS Hall IC Operate by the value of magnetic flux density, regardless of polarity
|
Panasonic
|