PART |
Description |
Maker |
2N640004 2N6401G 2N6426G 2N6405G 2N6400 2N6401 2N6 |
Silicon Controlled Rectifier 16A 400V Darlington Transistors NPN Silicon Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
2N1795F 2N1798F 2N1792F 2N1793F 2N1794F 2N1797F 2N |
Silicon Controlled Rectifiers (fase) Silicon Controlled Rectifier; Package: TO-83; IT (Av) (A): 70; VTM (V): 2.1; VGT (V): 3; IGT (µA): 70000; tq (nsec): 40000; Vrrm (V): 400; 110 A, SCR, TO-208AD
|
Microsemi Corporation Microsemi, Corp.
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
NTE5548 NTE5541 NTE5545 |
Silicon controlled rectifier (SCR). Repetitive peak off-state & reverse voltage Vdrm,Vrrm = 400V. RMS on-state current 35A. Silicon Controlled Rectifier (SCR) 35 Amp
|
NTE[NTE Electronics]
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
MCR100-6RLRA MCR100-6RLRM MCR100-6RLRMG MCR100-6RL |
Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 400 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 600 V, SCR, TO-92
|
ONSEMI[ON Semiconductor]
|
NTE5566 NTE5564 NTE5562 NTE5563 |
Silicon Controlled Rectifiers (SCRs) Silicon Controlled Rectifiers (SCR’s)
|
NTE[NTE Electronics]
|
NTE5558 NTE5550 NTE5552 NTE5554 |
Silicon controlled rectifier. Peak reverse blocking voltage Vrrm = 400V. Forward current 25A. Silicon Controlled Rectifiers Silicon controlled rectifier. Peak reverse blocking voltage Vrrm = 200V. Forward current 25A.
|
NTE[NTE Electronics]
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
P131 P133 |
Silicon Controlled Rectifier, 28 A, 400 V, SCR Silicon Controlled Rectifier, 28 A, 800 V, SCR
|
Vishay Semiconductors
|
|