PART |
Description |
Maker |
HLMP-BL01 HLMP-AL11 HLMP-BD16-PSTYY HLMP-BM01 HLMP |
T-1 3/4 (5mm) Oval Precision<BR>Optical Preformance LED Lamps T-1 3/4 (5mm) Oval Precision Optical Performance LED Lamps T-1 3/4 (5mm) Oval PrecisionBR>Optical Preformance LED Lamps 的T 1 3 / 4mm)的椭圆形精密\u0026lt;BR\u0026gt;光学Preformance LED灯具 FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1856-4 05; Contact Mating Area Plating: Gold 的T 1 3 / 4mm)的椭圆形精密\u0026lt;BR\u0026gt;光学Preformance LED灯具
|
Electronic Theatre Controls, Inc. ITT, Corp.
|
08-70-1040 |
Crimp Socket Contact; Wire Size (AWG):28-22; Contact Plating:Tin; Series:5263; Operating Temp. Min:-40 C; Pitch Spacing:2.5mm; Voltage Rating:250V 0.33 mm2, PHOSPHOR BRONZE, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
IL-G-XXP-S3X2 IL-G-XXS-S3X2 IL-G-15P-S3C2-E IL-G-1 |
2.5mm Contact Spacing PCB-to-Cable Connectors 2.5毫米间距板联系到电缆连接 IL-G Series Connectors
|
Electronic Theatre Controls, Inc. ETC[ETC] Japan Aviation Electronics List of Unclassifed Manufacturers
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
HLMP-7019-D0010 HLMP-7019-D0012 HLMP-7019-D001S HL |
FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1848-6 05; Contact Mating Area Plating: Gold FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1855-1 05; Contact Mating Area Plating: Gold Subminiature High Performance TS AlGaAs Red LED Lamps T-3/4 SINGLE COLOR LED, YELLOW, 1.78 mm T-3/4 SINGLE COLOR LED, RED, 1.78 mm T-3/4 SINGLE COLOR LED, HIGH PERFORMANCE GREEN, 1.78 mm Subminiature LED Lamps 微型发光二极 T-3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.78 mm T-3/4 SINGLE COLOR LED, STANDARD RED, 1.78 mm T-3/4 SINGLE COLOR LED, EMERALD GREEN, 1.78 mm
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Electronic Theatre Controls, Inc. AGILENT TECHNOLOGIES INC
|
MEB2-64PBR MEB2-64PH MEB2-64PL MEB2-64PS MEB1-92PB |
128 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Micro Edgeboard - .050 Contact Spacing
|
ITT CANNON http:// ITT[ITT Industries]
|
10-31-1068 |
Header; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
SML-LX0402SUGC-TR |
1.0mm x 0.5mm SURFACE MOUNT LED
|
LUMEX INC.
|
MFCRYSTALS |
Miniature size: 6.0mm x 3.5mm height
|
EUROQUARTZ limited
|
C927U222MYWDAA7317 |
Ceramic, Safety, C900_Y, 2200 pF, 20%, Y5U, Lead Spacing = 7.5mm
|
Kemet Corporation
|
C907U102MYWDBA7317 |
Ceramic, Safety, C900_Y, 1000 pF, 20%, Y5U, Lead Spacing = 7.5mm
|
Kemet Corporation
|
|