PART |
Description |
Maker |
AT5FC001-20 |
1-Megabyte Flash Memory PCMCIA Card
|
Atmel Corp.
|
AT5FC004 AT5FC004-20 |
4-Megabyte Flash Memory PCMCIA Card
|
Atmel Corp.
|
AT45DCB004D AT45DCB008D AT45DCB002D AT45DCB008D06 |
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards 2M X 8 FLASH 2.7V PROM CARD, UUC7
|
Atmel Corp. Atmel, Corp.
|
AMC002CFLK AMC002CFLKA AMC001CFLKA AMC004CFLKA AMC |
1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card 1 2 4 or 10 Megabyte 5.0 V-only Flash Memory PC Card
|
AMD[Advanced Micro Devices]
|
AMC004DFLKA |
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
|
Advanced Micro Devices
|
BP5310 |
PCMCIA / flash memory power supply
|
ROHM[Rohm]
|
MB98A810BX-25 MB98A812BX-25 E530336 |
FLASH MEMORY CARD PCMCIA Rel.2/JEIDA Ver.4 conformable From old datasheet system
|
Fujitsu
|
AMMC002AWP AMMC0XXA |
2/ 4/ or 8 Megabyte 5.0 Volt-only Flash Miniature Card
|
Advanced Micro Devices
|
AMC008DFLKA AMC0XXDFLKA AMC032DFLKA AMC020DFLKA |
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card Circular Connector; No. of Contacts:37; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|