PART |
Description |
Maker |
UNIFOX-RVT-M |
Compact, ergonomically shaped pliers
|
PHOENIX CONTACT
|
2903110 |
SmartWire DT?pliers for device plugs
|
PHOENIX CONTACT
|
CRIMPFOX-16-S |
Crimping pliers for ferrules up to 16 mm2
|
PHOENIX CONTACT
|
CRIMPFOX-UR-10 |
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
|
PHOENIX CONTACT
|
UNIFOX-C-VDE-M |
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
|
PHOENIX CONTACT
|
HFCT-5943L HFCT-5943AG |
Optoelectronic 光电 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield. 0C to 70C 2488Mb / s的单一模式LC连接器没有鼻子屏蔽纤巧收发器0C0C
|
Avago Technologies, Ltd. Lumex, Inc.
|
UNIFOX-C-VDE |
Combination pliers, cross-notched grip area, integrated M8 - M10 ring wrench, VDE 1000 V AC/1500 V DC tested
|
PHOENIX CONTACT
|
CRIMPFOX-RC-2 |
Crimping pliers. with positioner, for turned plug-in connector contacts 0.14 mm2 to 2.5 mm2
|
PHOENIX CONTACT
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
EETHC1C123HA EET-HC2C102HA EETHC1C103HA EETHC1E123 |
Long life with high capacitance (30% smaller than HB series) Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
|
Panasonic Semiconductor
|
CRIMPFOX-UD-6-6 |
Crimping pliers, hexagonal compression, for ferrules 0.25 - 6 mm2 in accordance with DIN 46228-1: 1992-08 and DIN 46228-4: 1990-09
|
PHOENIX CONTACT
|