PART |
Description |
Maker |
36509-0032 MM-B2500-R913 0365090032 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
85013-3196 0850133196 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1渭m (40渭) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
0850090103 85009-0103 |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850032529 85003-2529 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1μm (40μ) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1楼矛m (40楼矛) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, MOLEX Connector
|
Molex Electronics Ltd.
|
85042-0957 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-1184 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850426062 85042-6062 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850423316 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 32 Circuits
|
Molex Electronics Ltd.
|
85003-3093 0850033093 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1渭m (40渭) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Le 2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Lead free
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
|