PART |
Description |
Maker |
STDD15-07P6 |
LOW CAPACITANCE DETECTION DIODE
|
STMicroelectronics
|
RS0219 |
DIOD ASSEMBLY
|
Solid States Devices, Inc
|
D1121SH |
Fast Hard Drive Diod e
|
eupec GmbH
|
LX5211CPWP LX5211 LX5211CDP LX5211CDPT |
9-LINE LOW CAPACITANCE, μPOWER SCSI TERMINATOR 9-LINE LOW CAPACITANCE/ POWER SCSI TERMINATOR 9-LINE LOW CAPACITANCE, レPOWER SCSI TERMINATOR 9-LINE 110 ohm SCSI BUS TERMINATOR, PDSO16
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BB535 Q62702-B580 |
Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SRDA12-4 SRDA12-4TB SRDA12-4TE SRDA3.3-4 SRDA3.3-4 |
RailClamp垄莽 Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array RailClamp Low Capacitance TVS Diode Array RailClamp庐 Low Capacitance TVS Diode Array RailClamp? Low Capacitance TVS Diode Array
|
Semtechoration SEMTECH_ELEC[SEMTECH ELECTRONICS LTD.] Semtech Corporation Semtech Electronics Limited
|
BD52004GUL-E2 BD52004GUL-TR BD52004HFV-E2 BD52004H |
Omnipolar Detection Hall ICs (Polarity detection for both S and N features dual outputs)
|
Rohm
|
BB515 Q62702-B607 |
Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance) From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
ZRC250 ZRC250A01 ZRC250A02 ZRC250A03 ZRC250F01 ZRC |
Low Capacitance Transient Voltage Suppressor Diodes 集成电路的Sm - 2.5V的电压参 Low Capacitance Transient Voltage Suppressor Diodes 集成电路.5V的高精度参 PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
ON Semiconductor ZETEX[Zetex Semiconductors]
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|