PART |
Description |
Maker |
TS87C51U2NBSP TS80C51U2NBSP TS87C51U2 TS83C51U2 TS |
Single Point to Point IEEE 1355 High Speed Controller Double UART 8-bit CMOS Microcontroller From old datasheet system Double UART 8-bit microcontroller ROMless Double UART 8-bit microcontroller 16 Kbytes OTP
|
ATMEL Corporation
|
ST16C650A ST16C650ACQ48 ST16C650ACJ44 |
2.90V TO 5.5V UART WITH 32-BYTE FIFO 1 CHANNEL(S), 3.125M bps, SERIAL COMM CONTROLLER, PQCC44 2.90V TO 5.5V UART WITH 32-BYTE FIFO 1 CHANNEL(S), 3.125M bps, SERIAL COMM CONTROLLER, PQFP48 UART with 32-Byte FIFOs and Infrared (IrDA) Encoder/Decoder
|
Exar, Corp.
|
ST16C2550 ST16C2550CJ44 ST16C2550CP40 ST16C2550CQ4 |
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFO’S DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
|
EXAR[Exar Corporation]
|
MIC4721 MIC4721YMM |
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder, SOT315-1 (LQFP80), Reel Dry Pack, SMD, 13",Turned Dual UART with 64-byte FIFO, SOT313-2 (LQFP48), Reel Pack, SMD, 13", Turned 11 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
5962-9052502MQA 5962-9052501MQA |
CMOS universal asynchronous receiver transmitter (UART), 8MHz = 500K BAUD CMOS universal asynchronous receiver transmitter (UART), 2MHz = 125K BAUD
|
Intersil
|
ST16C554 ST16C554DIJ68 |
QUAD UART WITH 16-BYTE FIFOS Quad UART with 16-Byte FIFO(四通用异步接收发送器(带16字节的先进先出)) Plug-In Relay; Contacts:DPDT; Contact Carry Current:15A; Coil Voltage AC Max:120V; Relay Mounting:Plug-In; Relay Terminals:Quick Connect; Coil Resistance:4430ohm RoHS Compliant: Yes 4 CHANNEL(S), 448K bps, SERIAL COMM CONTROLLER, PQCC68
|
Exar Corporation Exar, Corp.
|
HD1-6402B_883 HD1-6402B-9 HD1-6402R_883 HD1-6402R- |
CMOS Universal Asynchronous Receiver Transmitter (UART) 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PDIP40 CMOS Universal Asynchronous Receiver Transmitter (UART) 1 CHANNEL(S), 500K bps, SERIAL COMM CONTROLLER, CDIP40 CMOS Universal Asynchronous Receiver Transmitter (UART); Temperature Range: -55°C to 125°C; Package: 40-CerDIP 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CDIP40
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P80CL580 P83CL580 P8XCL580HFT P8XCL580HFH P80CL580 |
6 V, Low voltage 8-bit microcontroller with UART, I2C-bus and ADC Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
|
PHILIPS[Philips Semiconductors]
|
ST16C650CQ48 ST16C650CQ52 |
UART 异步
|
Exar, Corp.
|
MAX3110 MAX3110E MAX3110ECNI MAX3110ECWI MAX3110EE |
SPI /MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 【15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
IN16C1054 |
Quard Uart
|
IK Semicon
|
ST16C1450IJ28 ST16C1450IP28 ST16C1450IQ48 ST16C145 |
2.97V TO 5.5V UART
|
EXAR[Exar Corporation]
|