PART |
Description |
Maker |
X25020SIG-2.7 X25020SIG-3 X25020PIG-2.7 X25020PIG- |
256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|
25C02 CAT25C02 25C01 CAT25C01 25C04 CAT25C04 25C08 |
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 1K/2K/4K/8K/16KSPISerialCMOSE2PROM
|
CatalystSemiconductor http:// CATALYST[Catalyst Semiconductor]
|
X25080 X25080P X25080P-2.7 X25080PI X25080PI-2.7 X |
SPI Serial E2PROM With Block LockTM Protection
|
XICOR[Xicor Inc.]
|
X25320 X25320P X25320P-2.7 X25320PI X25320PI-2.7 X |
SPI Serial E2PROM With Block LockTM Protection SPI串行E2PROM的保护带座LockTM
|
XICOR[Xicor Inc.]
|
CAT25C02X CAT25C32X CAT25C04X CAT25C08X CAT25C16X |
Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
|
CATALYST[Catalyst Semiconductor]
|
X24320G X24320V X24320I X24320V14G-2.5 X24320V14IG |
400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz线串行E2PROM的块 400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz2线串行E2PROM的块
|
IC MICROSYSTEMS Sdn. Bhd. Supertex, Inc. Lumex, Inc. IC MICROSYSTEMS SDN BHD
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IS25C08B-2UDLI-TR IS25C08B-2CLI-TR IS25C08B-2ZLI-T |
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, 0.55 MM HEIGHT, GREEN, UDFN-8
|
Integrated Silicon Solution, Inc.
|
X24C01SG-2.7 X24C01SG-3 X24C01MP X24C01GM X24C01MG |
Serial E2PROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Serial E2PROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
IC MICROSYSTEMS Sdn. Bhd.
|
AT25160AY1-10YU-2.7 AT25640AY1-10YU-2.7 AT25080A-W |
2K X 8 SPI BUS SERIAL EEPROM, DSO8 8K X 8 SPI BUS SERIAL EEPROM, DSO8 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 4K X 8 SPI BUS SERIAL EEPROM, UUC
|
ATMEL CORP
|
CA-T25128LE-T2 CAT25128LE-GT2 CA-T25128LI-T2 CAT25 |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, HALOGEN FREE AND ROHS COMPLIANT, MO-229, TDFN-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|