PART |
Description |
Maker |
IR2109 IR21094 IR21094S IR2109S IR2109STR |
Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR2108 IR21084 IR21084S IR21084STR IR2108S IR2108S |
Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
PS7841C-A11 PS7841C-A15 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21366 packaged in a Lead-Free 28-Lead SOIC Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2121 packaged in a Lead-Free 8-Lead PDIP
|
NEC, Corp.
|
HIP4086AABZ HIP4086ABZ HIP4086ABZT |
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current 80V/0.5A Peak Three Phase Driver; Temperature Range: -25°C to 85°C; Package: 24-SOIC T&R 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO24
|
Intersil Corporation
|
TYM-200-10 TYM-500-10 TYM-100K-10 TYM-100-10 TYM-2 |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10 ohm
|
Vishay Intertechnology, Inc.
|
FG600AL28 POWEREXINC-FG1000AH44 GT300AV70 GT300AL2 |
1400 V, GATE TURN-OFF SCR 3500 V, GATE TURN-OFF SCR 1200 V, GATE TURN-OFF SCR 3600 V, GATE TURN-OFF SCR 2300 V, GATE TURN-OFF SCR 2500 V, GATE TURN-OFF SCR
|
POWEREX INC
|
3386H-DM7-254 3386H-DM7-502 3386H-DM7-505 3386H-DM |
POT 50 OHM 3/8 SQ CERM SL ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50 ohm POT 50K OHM 3/8 SQ CERM SL ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm Single-Turn Trimmer Potentiometers 3/8" 100ohms 10% 0.5Watts Square RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 100OHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 10KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 1MOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm POT 25K OHM 3/8 SQ CERM SL ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 25000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 250000 ohm TRIMMER, 10K RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 1KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000 ohm Single-Turn Trimmer Potentiometers 3/8" 25Kohms 10% 0.5Watts Square RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 25000 ohm Single-Turn Trimmer Potentiometers 3/8" 500ohms 10% 0.5Watts Square RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 50KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm Single-Turn Trimmer Potentiometers 3/8" 50Kohms 10% 0.5Watts Square RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm Single-Turn Trimmer Potentiometers 3/8" 5Kohms 10% 0.5Watts Square RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 2KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 200KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 220000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50 ohm Single-Turn Trimmer Potentiometers 3/8 SQ 250KOHMS 10% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 250000 ohm POT 5.0K OHM 3/8 SQ CERM SL ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm TRIMMER - 3/8" SQ ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm
|
Bourns Inc. Bourns, Inc.
|
PT-6MV103A2020PM PT-6MV253A2020PM PT-6MV471A2020PM |
RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 10000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 25000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 470 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 22000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 20000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 4700 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 1000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 220 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 100000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 220000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2500 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 1000000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 200000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2200 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 250000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 250 ohm LEAD FREE
|
Piher Sensors ?Controls SA
|
U2008B-M U2008B-MFP U2008B-MFPG3 U2008BNBSP U2008B |
From old datasheet system Phase control retrigger, softstart or shunt regulation Low-Cost Phase-Control IC with Soft Start
|
ATMEL[ATMEL Corporation]
|
TSS12J48SR E006965 |
OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPPEN SSR From old datasheet system
|
Toshiba
|
TSS3J45S TSS3G47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
TSS2G45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
|