PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LT9550U LT9550E |
?7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use 7.5mm/ Cylinder Type(Flangeless)/ Colorless Transparency/ High-luminosity Large LED lamps for Indoor Use ┆7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
|
Sharp Corporation Sharp Electrionic Components
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
2SD1474 |
Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
|
PANASONIC[Panasonic Semiconductor]
|
2SD1755 |
Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
|
PANASONIC[Panasonic Semiconductor]
|
PC367N1J000F |
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
|
Sharp Electrionic Components
|
PC364NJ0000F |
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
|
Sharp Electrionic Components
|
STEL-1176/MC |
Sidac Thyristor; Thyristor Type:Sidac; Current, It av:10uA; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA; Mounting Type:Through Hole; On State Saturation Voltage:1.5V; Package/Case:DO-214 RoHS Compliant: Yes 数字控制振荡
|
KOA Speer Electronics, Inc.
|
2SD2375 |
Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
|
PANASONIC[Panasonic Semiconductor]
|
2SD2544 |
Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
|
Panasonic Semiconductor
|
2SC5954 2SC5954P 2SC5954Q |
Silicon NPN triple diffusion planar type For power amplification with high forward current transfer ratio
|
PANASONIC[Panasonic Semiconductor]
|