PART |
Description |
Maker |
NJU6677 |
88Com × 132Seg Output Bit Map LCD Driver
|
New Japan Radio
|
NJU6452A |
16Com × 61Seg Output Bit Map LCD Driver From old datasheet system
|
New Japan Radio njr
|
PD7M440 PD7M441H PD7M440H |
16-Bit 160 MSPS 2x/4x/8x Interpolating Dual TxDAC ® D/A Converter 14-Bit, 160 MSPS, 2×/4×/8× Interpolating Dual TxDAC ® D/A Converter MOSFET MODULE Dual 50A 450V/500V
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
UC1606XGAF UC1606 |
65COM x 132SEG Matrix LCD Controller-Driver
|
ETC[ETC]
|
S6B1713A |
132SEG / 65COM Driver & Controller for STN LCD
|
Samsung Electronic
|
HEDS5145A04 HEDS5145A02 HEDS5145A01 HEDS5145A06 HE |
LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -400°C to 85°C LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: 0°C to 70°C LTC6412 - 800MHz, 31dB Range An alog-Controlled VGA; Package: 24-Lead (4mm × 4mm) Plastic QFN; Temperature Range: 40°C to 85°C LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C 光电 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C 光电
|
Infineon Technologies AG Electronic Theatre Controls, Inc.
|
SW-215 SW-216 |
(SW-215 / SW-216) Matched GaAs SPST Switch
|
Tyco Electronics
|
BAV99DPT |
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
|
Chenmko Enterprise Co. Ltd.
|
NJU6815 |
128COMMON × 80RGB LCD DRIVER FOR 4,096-COLOR STN DISPLAY
|
New Japan Radio
|
LT6231 LT6232 LT6230 LT6232IGN LT6232CGN LT6231IS8 |
215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family 50 POS PEEL-A-WAY® SINGLE ROW SOCKET 215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family 215MHz,轨到轨输出.1nV /根赫兹,3.5毫安运算放大器系 215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family DUAL OP-AMP, 550 uV OFFSET-MAX, 215 MHz BAND WIDTH, PDSO8 50 POS PEEL-A-WAY® SINGLE ROW SOCKET
|
Linear Technology Corporation Linear Technology, Corp.
|
MTE215N10E_D ON2531 MTE215N10E |
TMOS POWER FET 215 AMPERES 100 VOLTS RDS(on) = 0.0055 OHM From old datasheet system
|
Motorola, Inc ON Semi
|
1PS181 |
High-Speed Double Diode 0.215 A, 85 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
NXP Semiconductors N.V. Philips Semiconductors
|