PART |
Description |
Maker |
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
ADM699 ADM698SQ ADM698AN ADM698AQ ADM698AR ADM699A |
Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:SPST; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA; No. of Channels:4; On Resistance, Rds(on):85ohm; Peak Reflow Compatible (260 C):No RoHS Compliant: No Microprocessor Supervisory Circuits Microporcessor Supervisory Circuits
|
Analog Devices, Inc.
|
3W5R5 3W24R5 5W24R5 5W12R15-15 3W12R15-15 3W24R15- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple-Voltage µP Supervisory Circuits Analog IC 模拟IC
|
NTE Electronics, Inc.
|
TS823CX5A TS824CX5A TS825CX5A TS823CX5G TS825CX5H |
Analog IC: Reset IC Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
|
TSC[Taiwan Semiconductor Company, Ltd]
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
TLP751 |
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
|
Toshiba Semiconductor
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
80C286 CG80C286-12 CG80C286-16 CG80C286-20 IG80C28 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 ADAPT F FMALE-PUSH 0N MALE 75OHM From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|