PART |
Description |
Maker |
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL28238 ISL28238FBZ ISL28238FBZ-T7 ISL28238FUZ IS |
4.5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC OP-AMP, 650 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil, Corp. Intersil Corporation
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL28476 ISL28476FAZ ISL28476FAZ-T7 ISL2827607 ISL |
Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
|
http:// Intersil Corporation
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
ISL28448 ISL28448FVZ ISL28448FVZ-T7 ISL28248 ISL28 |
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil Corporation
|
EL8176FWZ-T7 EL8176_06 EL8176 EL8176FSZ EL8176FSZ- |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
|
INTERSIL[Intersil Corporation]
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LTC6082HGNPBF LTC6082HGNTRPBF |
Precision Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology
|