PART |
Description |
Maker |
C67076-A2510-A67 BSM15GD60DN2 SIEMENSAG-BSM15GD60D |
IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes) 15 A, 600 V, N-CHANNEL IGBT
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
2MBI100J-120 |
TRANSISTOR IGBT POWER MODULE
|
Fuji Semiconductors
|
MG800J2YS50A |
IGBT Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor
|
MG400J2YS60A |
GTR Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications TOSHIBA IGBT Module Silicon N Channel IGBT From old datasheet system
|
Toshiba Semiconductor
|
CM10MD1-24H CM10MD1-24 |
CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts 10 A, 1200 V, N-CHANNEL IGBT CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts TRANSISTOR,IGBT POWER MODULE,COMPLEX BRIDGE,1.2KV V(BR)CES,10A I(C)
|
Powerex, Inc. Powerex Inc POWEREX[Powerex Power Semiconductors]
|
MIG100J7CSB1W |
MINIATURE POWER RELAY 东芝智能功率模块IGBT的硅频道 TOSHIBA Intelligent Power Module Silicon N Channel IGBT Intelligent Power Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
VDI75-12S3 VID75-12S3 |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 1.2KV V(BR)CES | 75A I(C) 晶体管| IGBT功率模块|独立| 1.2KV五(巴西)国际消费电子展| 75A条一(c
|
Analog Devices, Inc.
|
GP1600FSS12S |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 1.2KV V(BR)CES | 1.6KA I(C) 晶体管| IGBT功率模块|独立| 1.2KV五(巴西)国际消费电子展| 1.6KA一(c
|
Dynex Semiconductor, Ltd.
|
CM200DY24E |
TRANSISTOR | IGBT POWER MODULE | HALF BRIDGE | 1.2KV V(BR)CES | 200A I(C) 晶体管| IGBT功率模块|半桥| 1.2KV五(巴西)国际消费电子展| 200安培我(丙)
|
Vishay Intertechnology, Inc.
|
CM100TF12E |
TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 100A I(C) 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 100号A一(c
|
KOA Speer Electronics,Inc.
|
VII100-12S4 |
TRANSISTOR | IGBT POWER MODULE | HALF BRIDGE | 1.2KV V(BR)CES | 100A I(C) 晶体管| IGBT功率模块|半桥| 1.2KV五(巴西)国际消费电子展| 100号A一(c
|
Aimtec
|
|