PART |
Description |
Maker |
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
IRS2106STRPBF |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, SPLG
|
International Rectifier
|
AUIRS21811S |
Automotive qualified High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
IR2304IR2304S IR2304 IR2304S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package HALF-BRIDGE DRIVER
|
International Rectifier
|
IR2103 IR2103PBF IR2103S IR2103SPBF IR2103STR |
Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-pin DIP package Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR2131S IR2131STR IR2131J IR2131JTR |
3 Phase Driver. Inverting Input. Independent High and Low Side. 700ns Deadtime in a 28-lead SOIC package 3相驱动程序。反相输入。独立的高端和低端。死区时00ns28引脚SOIC封装 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-lead SOIC package
|
Fairchild Semiconductor, Corp. International Rectifier
|
IR2113STR IR2110 IR2110S IR2110SPBF IR2113-1 IR211 |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 16-lead SOIC package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 16-pin DIP -2 leads package
|
International Rectifier
|
L6386D L6386 E-L6386D013TR |
0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO14 HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
|
STMICROELECTRONICS[STMicroelectronics]
|
IR2011 IR2011S |
High and Low Side Driver in a 8-Lead PDIP package High and Low Side Driver in a 8-Lead SOIC package
|
International Rectifier
|
IR2131 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
IRF[International Rectifier]
|
|