PART |
Description |
Maker |
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
1N970B JAN1N964B-1 JANTX1N957-1 JANTX1N957A-1 JANT |
Zener Voltage Regulator Diode Reed Relay; Contacts:SPST-NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes Insulation Tester (Megohmmeter); Resistance Measuring Range:0.2 to 1000 MOhm; Test Voltage:500V; Voltage Rating:500V RoHS Compliant: NA Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:SMT J-Lead; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 75 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 75 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Power 2-Port Hi-Speed USB 2.0 (480 Mbps) Switch; Package: DQFN; No of Pins: 14; Container: Tape & Reel 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 9.1 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 56 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 68 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 56 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 30 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single SVS For 12V Systems W/Pgmmable Time Delay 8-SOIC 0 to 70 00 mW齐纳二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 7.5 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Single SVS For 12V Systems W/Pgmmable Time Delay 8-PDIP 0 to 70 7.5 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 150 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 160 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 15A Bridge Rectifer 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 47 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Dual Supply 2-bit I2C Interface voltage Translator; ; No of Pins: 8; Container: Tape & Reel 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 12 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 12 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Bit Uni-Directional Translator; Package: SC70; No of Pins: 5; Container: Tape & Reel 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE and 26 Ohm Series Resistors in the B Port Outputs 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Bit Uni-Directional Translator 12 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH BK PRECISION BENCH MULTIMETERS, AC VOLTAGE: 200 MV, 2 V, 20 V, 200 V, 1000 V, DC VOLTAGE: 200 MV, 2 V, 20 V, 200 V, 1200 V, AC CURRENT: 200 UA, 2 MA, 20 MA, 200 MA, 2000 MA, 20 A, DC CURRENT: 200 UA, 2 MA, 20 MA, 200 MA, 2000 MA, 20 LAN Node Controller Low Power, Two-Port, Hi-Speed USB2.0 (480Mbps) Switch; Package: UMLP; No of Pins: 10; Container: Tape & Reel Single SVS For 9v Systems W/Pgmmable Time Delay 8-PDIP 0 to 70 From old datasheet system METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION Silicon 500 mW Zener Diodes
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
FLZ24V FLZ27V FLZ20V FLZ13VA FLZ3V0 FLZ6V8 FLZ5V1 |
ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12.45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TW13-D782-001 SKY65008 TW13-D786-001 TW13-D783-001 |
250 - 2700 MHz Linear, Low Current Power Amplifier Driver
|
Skyworks Solutions Inc.
|
MMBZ5242AW MMBZ5245AW MMBZ5258AW |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
PanJit International, Inc. PanJit International Inc.
|
GLZ9.1 GLZ36 GLZ47 GLZ3.9 GLZ27 GLZ6.2 GLZ2.4 GLZ5 |
SURFACE MOUNT ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
PanJit International Inc. PanJit International, Inc.
|
GDZ GDZ4.7B GDZ5.6B GDZ7.5B GDZ8.2B GDZ9.1B GDZ3.9 |
ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
Electronics Industry Public Company Limited Vishay Intertechnology, Inc.
|
GMBZ5250B GMBZ5221B GMBZ5261B GMBZ5243B GMBZ5244B |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) ZENER DIODES
|
E-Tech Electronics LTD GTM, Corp. GTM CORPORATION
|
ZM4741 ZM4759 ZM4748 ZM4737 ZM4731 ZM4729 ZM4738 Z |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管)
|
GE[General Semiconductor] Electronics Industry Public Company Limited GE Security, Inc.
|
DDZX20CTS DDZX6V8CTS DDZX6V2BTS DDZX5V6BTS DDZX5V1 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Zener Diodes TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
SZ3030 SZ3010 SZ3011 SZ3012 SZ3013 SZ3015 SZ3016 S |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) SURFACE MOUNT SILICON ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管)
|
EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
BZT52-C2V4S |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) SURFACE MOUNT SILICON ZENER DIODES
|
缇?附寰??瀵间??????? 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
|