PART |
Description |
Maker |
BB4EG BB4GK BB4KLX BB4JKX BB4DF BB4NPX |
MoBL® 8-Mbit (512K x 16) Static RAM MoBL® 32-Mbit (2M x 16) Static RAM MoBL® 16-Mbit (1M x 16) Static RAM "SHIELDING BAG 16 X 18"" Inhalt pro Packung: 10 Stk. “屏蔽袋16 X 18”,“Inhalt亲Packung0沙头角。
|
ON Semiconductor
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
AM42DL16X4D |
16 Mbit (x8/x16) Flash and 4 Mbit (x16) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
AM42DL16X2D |
16 Mbit (2 M x 8-Bit/1 M x 16-Bit) CMOS and 2 Mbit (128 K x 16-Bit) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
CYK001M16ZCCAU-70BAI CYK001M16ZCCA CYK001M16ZCCAU- |
1M X 16 PSEUDO STATIC RAM, 55 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM CAP 1000PF 1000V 5% NP0(C0G) SMD-1812 TR-7 PLATED-NI/SN 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1089DV33-12BAXI CY7C1089DV3312 |
64-Mbit (8 M × 8) Static RAM
|
Cypress Semiconductor
|
CY7C10612DV33-10ZSXIT |
16-Mbit (1M x 16) Static RAM
|
Cypress
|