PART |
Description |
Maker |
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
IS61VPD51236A IS61VPD51236A-200B3 IS61VPD51236A-20 |
512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS61LPS25672A-250B1 IS61LPS25672A-250B1I IS61LPS10 |
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 512K X 36 CACHE SRAM, 3.1 ns, PBGA165 256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc. MEAN WELL Enterprises Co., Ltd.
|
UPD4265800LE-A80 UPD4264800LE-A80 UPD4265800LE-A70 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 64K x 16 Static RAM 1K x 8 Dual-Port Static RAM 1-Mbit (64K x 16) Static RAM x8快速页面模式的DRAM
|
STMicroelectronics N.V.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
TC55257DFI TC55257DFTI TC55257DPI-70V TC55257DPI-8 |
(TC55257xxx) STATIC RAM 32K Word x 8 Static RAM(32Kx 8 静RAM) 32K的字× 8静态RAM2K的字× 8静态RAM)的
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
CY62167DV18 CY62167DV18L-55 CY62167DV18L-70 CY6216 |
FR Series Rocker, Non-lighted rectangle housing, DPDT, 3 position, Quick-connect, Snap-in panel 16M (1024K x 16) Static RAM 1,600024K × 16)静态RAM Force Sensors; Series FSS; Non-compensated; Force Range: 0 to 1500 g 1,6001024K × 16)静态RAM
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61C512 IS61C512-15J IS61C512-15JI IS61C512-15NI |
ASYNCHRONOUS STATIC RAM 64K X 8 HIGH-SPEED CMOS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
BB4EG BB4GK BB4KLX BB4JKX BB4DF BB4NPX |
MoBL® 8-Mbit (512K x 16) Static RAM MoBL® 32-Mbit (2M x 16) Static RAM MoBL® 16-Mbit (1M x 16) Static RAM "SHIELDING BAG 16 X 18"" Inhalt pro Packung: 10 Stk. “屏蔽袋16 X 18”,“Inhalt亲Packung0沙头角。
|
ON Semiconductor
|