PART |
Description |
Maker |
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
NUP2201MR6 NUP2201MR6T1G NUP2201MR6T1 NUP2201 |
Low Cap TVS Array Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ONSEMI[ON Semiconductor]
|
SM712.TC SM712.TCT SM71204 |
Asymmetrical TVS Diode for Extended Common-Mode RS-485 400 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Semtech Corporation
|
SP3050-04HTG SP305011 |
150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, MO-203AB GREEN, PLASTIC, MO-203, SC-74, 6 PIN TVS Diode Arrays
|
Littelfuse
|
SP0503BA SP0502BA SP0503BAHT SP0502BAHT SP0504BAJT |
(SP0502BA - SP0506BA) TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
PSRDA05-4-T7 PSRDA3.3-4-LF-T13 PSRDA12-4-LF-T13 |
STEERING DIODE/ TVS ARRAY COMBO 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
ESD11B5.0ST5G |
Mid-Capacitance Bi-Directional TVS Diode BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SP0501BACT |
TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
ST13081 STI431 ST16012 ST15012 ST15011 STI709 STI7 |
MediaClock MPEG Clock Generator with VCXO DIODE TVS 150V 600W BIDIR 5% SMB 18-Mbit QDR-II SRAM 4-Word Burst Architecture TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 DIODE TVS 7.5V 600W UNI 5% SMB DIODE TVS 7.5V 600W BIDIR 5% SMB 3.3V 32K/64K x 16/18 Dual-Port Static RAM CAPSENSE EXPRESS EVALUATION KIT DIODE TVS 13V 600W UNIDIR 5% SMB Peppermint Board (CY22393 Candy Board) DIODE TVS 150V 600W UNI 5% SMB DIODE TVS 82V 600W BIDIR 5% SMB Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option 晶体管|晶体管|叩| 450V五(巴西)总裁|5A一(c)|04AA Failsafe™ 2.5V/ 3.3V Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
MLL1.4KESD90A MLL1.4KESD10 MLL1.4KESD100 MLL1.4KES |
SURFACE MOUNT TVS Transient Voltage Suppressor SURFACE MOUNT TVS 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
BDS11CECC BDS12CECC BDS10SMD-JQR-BR4 |
DIODE TVS 7.0V 600W UNI-DIR SM DIODE TVS 75V 600W UNIDIR 5% SMB 15 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-276AB
|
SEMELAB LTD
|