PART |
Description |
Maker |
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
LC8772C8B |
8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
AT89C51SND1C-ROTUL |
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP80
|
Atmel, Corp.
|
AT83SND2C-7FTUL AT89SND2C-7FTULL AT83SND2C-7FTIL A |
单带MP3解码器芯片闪存微控制器,带有完整的音频接 Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PBGA100
|
Atmel Corp. Atmel, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TFBGA100 LPC2364HBD100 LPC2364FET100 LPC2364FBD100 |
ARM7 with 128 kB flash, 34 kB SRAM, Ethernet, USB 2.0 Device, CAN, and 10-bit ADC ARM7 with 512 kB flash, 58 kB SRAM, Ethernet, USB 2.0 Device, CAN, SD/MMC, and 10-bit ADC Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flashnull Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
HMS99C52S HMS99C54S HMS99C56S HMS99C51S HMS99C58S |
8-BIT SINGLE-CHIP MICROCONTROLLERS WITH EMBEDDED FLASH
|
List of Unclassifed Manufacturers
|
HMS99C56S HMS99C51S HMS99C52S HMS99C54S HMS99C58S |
8-BIT SINGLE-CHIP MICROCONTROLLERS WITH EMBEDDED FLASH
|
ETC[ETC]
|
IC89C52A-24W IC89C52A-40W IC89C52A-12W |
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
|
http://
|
AT89C51SND1C-7HTJL AT89C51SND1C-ROTUL AT83SND1C AT |
SINGLE-CHIP FLASH MICROCONTROLLER WITH MP3 DECODER AND HUMAN INTERFACE
|
ATMEL[ATMEL Corporation]
|