PART |
Description |
Maker |
0483255003 48325-5003 |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Ang 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle
|
Molex Electronics Ltd.
|
0474043002 47404-3002 |
1.27mm (.050) Pitch Serial ATA Host Receptacle, Right Angle, Through Hole, 0.38um 15u) Gold (Au) 1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, Through Hole, 0.38um 15u") Gold (Au) MOLEX Connector
|
Molex Electronics Ltd.
|
67491-0022 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLeng 1.27mm (.050) Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with 2.05mm (.081) PC TailLength, Black Housing, Lead-free
|
Molex Electronics Ltd.
|
67491-0027 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, with 2.35mm (.093") PC TailLeng 1.27mm (.050) Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with 2.35mm (.093) PC TailLength, Lead-free
|
Molex Electronics Ltd.
|
67800-8052 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with
|
Molex Electronics Ltd.
|
0674903235 67490-3235 |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle 7 Circuits, without Mylar, 0.38渭m (15渭") Gold (Au) Plating, Tape and Reel Packa 1.27mm (.050) Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle 7 Circuits, without Mylar, 0.38μm (15μ) Gold (Au) Plating, Tape and Reel PackageLead-free
|
Molex Electronics Ltd.
|
0877801001 87780-1001 |
1.27mm (.050) Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Extended Height, 0.76渭m (30渭) Gold (Au) Selective, 22 Circuits, Leadfree 1.27mm (.050) Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Extended Height, 0.76μm (30μ) Gold (Au) Selective, 22 Circuits, Leadfree
|
Molex Electronics Ltd.
|
67492-1631 0674921631 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175"), 0.76渭m (30渭") Gold (Au) Plating, with Cap,Embossed Tape on Reel 1.27mm (.050) Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175), 0.76μm (30μ) Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging,22 Circuits, Lead Free
|
Molex Electronics Ltd.
|
0877030001 87703-0001 |
1.27mm (.050) Pitch Serial ATA Device Plug, 2.5 Drive, without Jumper, 22 Circuits, Tray Packaging
|
Molex Electronics Ltd.
|
48325-1102 0483251102 |
1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type
|
Molex Electronics Ltd.
|
|